Part Number Hot Search : 
100S3 CPH6612 GDIAGRA 313010P 2N350 SMDB24 1N4699C 1A225
Product Description
Full Text Search
 

To Download NL27WZ14DFT2G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NL27WZ14 Dual Schmitt-Trigger Inverter
The NL27WZ14 is a high performance dual inverter with Schmitt-Trigger inputs operating from a 1.65 to 5.5 V supply. Pin configuration and function are the same as the NL27WZ04, but the inputs have hysteresis and, with its Schmitt trigger function, the NL27WZ14 can be used as a line receiver which will receive slow input signals. The NL27WZ14 is capable of transforming slowly changing input signals into sharply defined, jitter-free output signals. In addition, it has a greater noise margin than conventional inverters. The NL27WZ14 has hysteresis between the positive-going and the negative-going input thresholds (typically 1 V) which is determined internally by transistor ratios and is essentially insensitive to temperature and supply voltage variations.
Features http://onsemi.com MARKING DIAGRAMS
6 1 SC-88/SOT-363/SC70-6 DF SUFFIX CASE 419B 1 6 MA M G G M
* Designed for 1.65 V to 5.5 V VCC Operation * Over Voltage Tolerant Inputs and Outputs * LVTTL Compatible - Interface Capability with 5 V TTL Logic * * * * * *
with VCC = 3 V LVCMOS Compatible 24 mA Balanced Output Sink and Source Capability Near Zero Static Supply Current Substantially Reduces System Power Requirements Current Drive Capability is 24 mA at the Outputs Chip Complexity: FET = 72 Pb-Free Packages are Available
6 1 TSOP-6/SOT-23-6/SC59-6 DT SUFFIX CASE 318G
6 MA M G G 1
MA = Device Marking M = Date Code* G = Pb-Free Package (Note: Microdot may be in either location) *Date Code orientation and/or position may vary depending upon manufacturing location.
PIN ASSIGNMENT
Pin IN A1 1 6 OUT Y1 1 2 GND 2 5 VCC 3 4 IN A2 3 4 OUT Y2 5 6 Function IN A1 GND IN A2 OUT Y2 VCC OUT Y1
Figure 1. Pinout (Top View)
FUNCTION TABLE
A Input L Y Output H L
IN A1 IN A2
1 1
OUT Y1 OUT Y2
H
ORDERING INFORMATION Figure 2. Logic Symbol
See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet.
(c) Semiconductor Components Industries, LLC, 2007
1
February, 2007 - Rev. 9
Publication Order Number: NL27WZ14/D
NL27WZ14
MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK IO ICC IGND TSTG PD qJA TL TJ VESD DC Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Sink Current DC Supply Current per Supply Pin DC Ground Current per Ground Pin Storage Temperature Range Power Dissipation in Still Air Thermal Resistance Lead Temperature, 1 mm from case for 10 s Junction Temperature under Bias ESD Withstand Voltage Human Body Model (Note 2) Machine Model (Note 3) Charged Device Model (Note 4) SC-88, TSOP-6 SC-88, TSOP-6 Output in Z or LOW State (Note 1) VI < GND VO < GND Characteristics Value *0.5 to )7.0 *0.5 VI )7.0 *0.5 VO 7.0 *50 *50 $50 $100 $100 *65 to )150 200 333 260 )150 > 2000 > 200 N/A Unit V V V mA mA mA mA mA C mW C/W C C V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. IO absolute maximum rating must be observed. 2. Tested to EIA/JESD22-A114-A 3. Tested to EIA/JESD22-A115-A 4. Tested to JESD22-C101-A
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO TA Dt/DV Supply Voltage Input Voltage Output Voltage Operating Free-Air Temperature Input Transition Rise or Fall Rate VCC = 2.5 V $0.2 V VCC =3.0 V $0.3 V VCC =5.0 V $0.5 V (High or LOW State) Parameter Operating Data Retention Only Min 2.3 1.5 0 0 *55 0 0 0 Max 5.5 5.5 5.5 5.5 )125 No Limit No Limit No Limit Unit V V V C ns/V
ORDERING INFORMATION
Device NL27WZ14DFT2 NL27WZ14DFT2G NL27WZ14DTT1 NL27WZ14DTT1G Package SC-88/SOT-363/SC70-6 SC-88/SOT-363/SC70-6 (Pb-Free) 3000 / Tape & Reel TSOP-6/SOT-23-6/SC59-6 TSOP-6/SOT-23-6/SC59-6 (Pb-Free) Shipping
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
2
NL27WZ14
DC ELECTRICAL CHARACTERISTICS
VCC Symbol
VT)
TA = 25C Min
1.0 1.2 1.3 1.9 2.2 0.4 0.5 0.6 1.0 1.2 0.25 0.3 0.4 0.6 0.7 VCC - 0.1 1.29 1.9 2.2 2.4 2.3 3.8
*40C TA 85C Max
1.8 2.0 2.2 3.1 3.6 1.15 1.4 1.5 2.0 2.3 1.1 1.15 1.2 1.5 1.7
*55C TA 125C Min
1.0 1.2 1.3 1.9 2.2 0.4 0.5 0.6 1.0 1.2 0.25 0.3 0.4 0.6 0.7 VCC - 0.1 1.29 1.8 2.1 2.3 2.2 3.7
Parameter
Positive Input Threshold Voltage
Condition
(V)
2.3 2.7 3.0 4.5 5.5 2.3 2.7 3.0 4.5 5.5 2.3 2.7 3.0 4.5 5.5
Typ
1.5 1.7 1.9 2.7 3.3 0.75 0.87 1.0 1.5 1.9 0.75 0.83 0.93 1.2 1.4 VCC 1.52 2.1 2.4 2.7 2.5 4.0 0.08 0.2 0.22 0.28 0.38 0.42
Min
1.0 1.2 1.3 1.9 2.2 0.4 0.5 0.6 1.0 1.2 0.25 0.3 0.4 0.6 0.7 VCC - 0.1 1.29 1.9 2.2 2.4 2.3 3.8
Max
1.8 2.0 2.2 3.1 3.6 1.15 1.4 1.5 2.0 2.3 1.1 1.15 1.2 1.5 1.7
Max
1.8 2.0 2.2 3.1 3.6 1.15 1.4 1.5 2.0 2.3 1.1 1.15 1.2 1.5 1.7
Unit
V
VT*
Negative Input Threshold Voltage
V
VH
Input Hysteresis Voltage
V
VOH
High-Level Output Voltage VIN = VIH or VIL
IOH = -100 mA IOH = *3 mA IOH = *8 mA IOH = *12 mA IOH = *16 mA IOH = *24 mA IOH = *32 mA IOL = 100 mA IOL = 4 mA IOL = 8 mA IOL = 12 mA IOL = 16 mA IOL = 24 mA IOL = 32 mA VIN = VCC or GND VOUT = 5.5 V VIN = VCC or GND
1.65 to 5.5 1.65 2.3 2.7 3.0 3.0 4.5 1.65 to 5.5 1.65 2.3 2.7 3.0 3.0 4.5 0 to 5.5 0 5.5
V
VOL
Low-Level Output Voltage VIN = VIH or VIL
0.1 0.24 0.3 0.4 0.4 0.55 0.55 $0.1 1 1
0.1 0.24 0.3 0.4 0.4 0.55 0.55 $1.0 10 10
0.1 0.24 0.4 0.5 0.5 0.55 0.65 $1.0 10 10
V
IIN IOFF ICC
Input Leakage Current Power Off-Output Leakage Current Quiescent Supply Current
mA mA mA
I II II I I I II II I I I IIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I II I I I I II I I I II I I I I I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIII II I I I II I I I I I I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIII IIIII I I I I II I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 ns)
TA = 25C Typ 4.3 3.3 4.0 2.7 3.2 *40C TA 85C Min 1.8 1.5 1.8 1.0 1.2 Max 8.1 5.5 6.6 4.5 5.4 *55C TA 125C Min 1.8 1.5 1.8 1.0 1.2 Max 9.1 6.5 7.6 5.5 6.4 Symbol tPLH tPHL Parameter Condition VCC (V) Min 1.8 1.5 1.8 1.0 1.2 Max 7.4 5.0 6.0 4.1 4.9 Unit ns Propagation Delay Input A to Y (Figure 3 and 4) RL = 1 MW, CL = 15 pF 2.5 $ 0.2 3.3 $ 0.3 5.0 $ 0.5 RL = 1 MW, CL = 15 pF RL = 500 W, CL = 50 pF RL = 1 MW, CL = 15 pF RL = 500 W, CL = 50 pF
CAPACITIVE CHARACTERISTICS
Symbol CIN CPD Input Capacitance
Parameter
Condition VCC =5.5 V, VI = 0 V or VCC 10 MHz, VCC = 3.3 V, VI = 0 V or VCC 10 MHz, VCC = 5.0 V, VI = 0 V or VCC
Typical 2.5 11 12.5
Unit pF pF
Power Dissipation Capacitance (Note 5)
5. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC(OPR) = CPD VCC fin ) ICC. CPD is used to determine the no-load dynamic power consumption; PD = CPD VCC2 fin ) ICC VCC.
http://onsemi.com
3
NL27WZ14
VCC A or B 50% GND tPLH Y tPHL VCC PULSE GENERATOR RT DUT CL RL
50% VCC RT = CL or equivalent (includes jog and probe capacitance) RT = ZOUT of pulse generator (typically 50 W)
Figure 3. Switching Waveforms
VT , TYPICAL INPUT THRESHOLD VOLTAGE (VOLTS)
Figure 4. Test Circuit
4
3
2
(VT))
VHtyp
1
(VT*)
2
2.5 3.5 3 VCC, POWER SUPPLY VOLTAGE (VOLTS) VHtyp = (VT) typ) - (VT* typ)
3.6
Figure 5. Typical Input Threshold, VT), VT* versus Power Supply Voltage
VH Vin
VCC VT) VT* GND VOH Vin
VH
VCC VT) VT* GND VOH
Vout VOL (a) A Schmitt-Trigger Squares Up Inputs With Slow Rise and Fall Times
Vout VOL (b) A Schmitt-Trigger Offers Maximum Noise Immunity
Figure 6. Typical Schmitt-Trigger Applications
http://onsemi.com
4
NL27WZ14
PACKAGE DIMENSIONS
SC-88/SC70-6/SOT-363 CASE 419B-02 ISSUE W
D e
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. 419B-01 OBSOLETE, NEW STANDARD 419B-02. MILLIMETERS MIN NOM MAX 0.80 0.95 1.10 0.00 0.05 0.10 0.20 REF 0.10 0.21 0.30 0.10 0.14 0.25 1.80 2.00 2.20 1.15 1.25 1.35 0.65 BSC 0.10 0.20 0.30 2.00 2.10 2.20 INCHES NOM MAX 0.037 0.043 0.002 0.004 0.008 REF 0.004 0.008 0.012 0.004 0.005 0.010 0.070 0.078 0.086 0.045 0.049 0.053 0.026 BSC 0.004 0.008 0.012 0.078 0.082 0.086 MIN 0.031 0.000
6
5
4
HE
1 2 3
-E-
b 6 PL 0.2 (0.008)
M
E
M
DIM A A1 A3 b C D E e L HE
A3 C A
A1
L
SOLDERING FOOTPRINT*
0.50 0.0197
0.65 0.025 0.65 0.025 0.40 0.0157
1.9 0.0748
SCALE 20:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
5
NL27WZ14
PACKAGE DIMENSIONS
TSOP-6 CASE 318G-02 ISSUE S
D
6
5 1 2
4 3
HE
E
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. DIMENSIONS A AND B DO NOT INCLUDE MOLD FLASH, PROTRUSIONS, OR GATE BURRS. MILLIMETERS NOM MAX 1.00 1.10 0.06 0.10 0.38 0.50 0.18 0.26 3.00 3.10 1.50 1.70 0.95 1.05 0.40 0.60 2.75 3.00 10 - INCHES NOM 0.039 0.002 0.014 0.007 0.118 0.059 0.037 0.016 0.108 -
b e q 0.05 (0.002) A1 A L c
DIM A A1 b c D E e L HE q MIN 0.90 0.01 0.25 0.10 2.90 1.30 0.85 0.20 2.50 0
MIN 0.035 0.001 0.010 0.004 0.114 0.051 0.034 0.008 0.099 0
MAX 0.043 0.004 0.020 0.010 0.122 0.067 0.041 0.024 0.118 10
SOLDERING FOOTPRINT*
2.4 0.094
1.9 0.075
0.95 0.037 0.95 0.037
0.7 0.028 1.0 0.039
SCALE 10:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
6
NL27WZ14/D


▲Up To Search▲   

 
Price & Availability of NL27WZ14DFT2G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X